Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 8 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 8 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 4Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 5Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 6Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 7Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 8Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 9Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 10Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 11Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 12Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Introduction
• Clock, reset and power management
– 2.0V to 5.5V application supply
– Power-on/Power-down reset (POR/PDR), Programmable voltage detector (PVD)
– External 2 to 24MHz high speed crystal oscillator
– Embedded factory-tuned 48MHz high speed oscillator
– PLL supports CPU running at 168MHZ
– External 32.768KHz low speed oscillator
• Low-power
– Sleep, Stop and Standby modes
– VBAT supply electricity for the RTC and the backup registers
• 1 12-bit ADC, 1μS A/D converters (up to 7 channels)
– Conversion range: 0 to VDDA
– Support sampling time and resolution configuration
– On-chip temperature sensor
– On-chip voltage sensor
• 2 Comparators
• 12 DMA controller
– Supported peripherals: Timer, ADC, UART, I2C, SPI, USB and SDIO
• Up to 80 fast I/Os:
– All mappable on 16 external interrupt vectors
– Almost all can work on 5V
• Debug mode
– Serial wire debug (SWD) and JTAG interface
• Up to 11 timers
– 2 16-bit 4-channel advanced-control timer for 4 channels PWM output, with
deadtime generation and emergency stop
– 2 16-bit timer and 2 32-bit timer, with up to 4 IC/OC, usable for IR control
decoding
– 2 16-bit timer, with 1 IC/OC, 1 OCN, deadtime generation and emergency stop
and modulator gate for IR control
– 2 watchdog timers (independent and window type)
– SysTick timer: 24-bit downcounter
• Up to 16 Communication interfaces
– 8 UARTs
– 2 I2Cs
– 3 SPIs
– 1 CAN
– 1 USB
– 1 SDIO
• 96-bit unique ID (UID)
• Packages LQFP100, LQFP64, LQFP48, LQFP32 and QFN32
For more information about the complete product, refer to Section 2.2 of the data sheet.
The relevant information about the CortexTM-M3, please refer to CortexTM-M3 technical
reference manual.
www.mm32mcu.com
2/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com