Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 9 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 9 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 5Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 6Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 7Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 8Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 9Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 10Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 11Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 12Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 13Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Specification
2
Specification
Specification
2.1 Device contrast
Table 1. MM32F103xx device features and peripheral counts
Peripheral
Device
MM32F103
VET/VCT
MM32F103
RET/RCT
MM32F103
CET/CCT
MM32F103
KET/KCT
MM32F103
KEU/KCU
Flash memory -K Bytes
512
256
512
256
512
256
512
256
512
256
SRAM -K Bytes
128
64
128
64
128
64
128
64
128
64
Timers
General purpose
(16 bit)
4
4
4
4
4
General purpose
(32 bit)
2
2
2
2
2
Advanced
control
2
2
2
2
2
Common
interfaces
UART
8
8
5
5
5
I2C
2
2
2
1
1
SPI
3
3
3
2
2
USB
1
1
1
1
1
CAN
1
1
1
1
1
SDIO
1
0
GPIOs
80
51
37
23
25
12-bit ADC
(number of channels)
1
7 + 2 channels
Comparators
2
Max CPU frequency
96 MHz/168 MHz
Operating voltage
2.0V
∼ 5.5V
Packages
LQFP100
LQFP64
LQFP48
LQFP32
QFN32
2.2 Summary
www.mm32mcu.com
3/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com