Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 46 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 46 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 42Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 43Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 44Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 45Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 46Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 47Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 48Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 49Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 50Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PLS[3:0]=0010 (Rising edge)
2.411
2.414
2.421
V
PLS[3:0]=0010 (Falling edge)
2.297
V
PLS[3:0]=0011 (Rising edge)
2.711
2.714
2.719
V
PLS[3:0]=0011 (Falling edge)
2.597
V
PLS[3:0]=0100 (Rising edge)
3.011
3.013
3.018
V
PLS[3:0]=0100 (Falling edge)
2.895
V
PLS[3:0]=0101 (Rising edge)
3.311
3.313
3.317
V
PLS[3:0]=0101 (Falling edge)
3.194
V
PLS[3:0]=0110 (Rising edge)
3.611
3.613
3.616
V
PLS[3:0]=0110 (Falling edge)
3.494
V
PLS[3:0]=0111 (Rising edge)
3.91
3.913
3.916
V
PLS[3:0]=0111 (Falling edge)
3.793
V
PLS[3:0]=1000 (Rising edge)
4.21
4.212
4.215
V
PLS[3:0]=1000 (Falling edge)
4.092
V
PLS[3:0]=1001 (Rising edge)
4.51
4.512
4.515
V
PLS[3:0]=1001 (Falling edge)
4.391
V
PLS[3:0]=1010 (Rising edge)
4.809
4.811
4.813
V
PLS[3:0]=1010 (Falling edge)
4.69
V
VPVDhyst
(
2)
PVD hysteresis
100
mV
VPOR/PDR
Power on/down
reset threshold
Falling edge
1.63(1)
1.66
1.68
V
Rising edge
1.75
V
VPDRhys
(
2)
PDR hysteresis
90.9
mV
TRSTTEMPO
(
2)
Reset duration
20
ms
1. The product behavior is guaranteed by design down to the minimum value VPOR/PDR.
2. Guaranteed by design, not tested in production.
Note: The reset duration is measured from power-on (POR reset) to the time when the user appli-
cation code reads the first instruction.
5.3.4
Embedded internal reference voltage
The parameters given in the table below are based on the ambient temperature and the
VDD supply voltage listed in Table 10.
Table 13. Embedded internal reference voltage(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT
Internal reference voltage
-40◦C < TA < +105◦C
1.2
V
-40◦C < TA < +85◦C
1.2
V
www.mm32mcu.com
40/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com