Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 62 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 62 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 58Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 59Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 60Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 61Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 62Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 63Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 64Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 65Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 66Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
OSPEEDRy
[
1:0] value (1)
Symbol
Parameter
Conditions
Min
Max
Unit
tr(IO)out
Output rise time
125(3)
11
(50MHz)
fmax(IO)out
Maximum frequency(2)
CL = 30pF,
VDD = 2.7V
∼ 3.6V
50
MHz
CL = 50pF,
VDD = 2.7V
∼ 3.6V
30
CL = 50pF,
VDD = 2V
∼ 2.7V
20
tf(IO)out
Output fall time
CL = 30pF,
VDD = 2.7V
∼ 3.6V
5
nS
CL = 50pF,
VDD = 2.7V
∼ 3.6V
8
CL = 50pF,
VDD = 2V
∼ 2.7V
12
tr(IO)out
Output rise time
CL = 30pF,
VDD = 2.7V
∼ 3.6V
5
CL = 50pF,
VDD = 2.7V
∼ 3.6V
8
CL = 50pF,
VDD = 2V
∼ 2.7V
12
tEXTIpw
Pulse width of external
signals detected by the
EXTI controller
10
nS
1. The speed of the I/O port can be configured via MODEx[1:0]. See the description of
the GPIO Port Configuration Register in this chip reference manual.
2. The maximum frequency is defined in figure 18.
www.mm32mcu.com
56/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com