Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 17 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 17 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 13Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 14Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 15Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 16Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 17Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 18Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 19Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 20Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 21Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Specification
Compatible with ISO7816 smart card mode. The UART interface supports output data
lengths of 5 bits, 6 bits, 7 bits, 8 bits, and 9 bits.
All UART interface can be served by the DMA controller.
2.2.18 I2C interface
The I2C interface can operate in multimaster or slave modes. It can support Standard
mode,and Fast Mode.
It supports 7-bit and 10-bit addressing modes, multiple 7-bit slave addresses (two ad-
dresses, one with configurable mask).
2.2.19 Serial peripheral interface (SPI)
The SPI interface, in slave or master mode, can be configured to 1
∼ 32 bits per frame.
All SPI interface can be served by the DMA controller.
2.2.20 Universal serial bus (USB)
The microcontroller embeds a USB device peripheral compatible with the USB full-speed
12 Mbs. The USB interface implements a full-speed (12 Mbit/s) function interface.The
dedicated 48 MHz clock is generated from the internal main PLL (the clock source must
use a HSE crystal oscillator).
2.2.21 Controller area network (CAN)
The CAN is compliant with specifications 2.0 A and B (active) with a bit rate up to 1 Mbit/s.
It can receive and transmit standard frames with 11-bit identifiers as well as extended
frames with 29-bit identifiers.
2.2.22 General-purpose inputs/outputs (GPIO)
Each of the GPIO pins can be configured by software as output (push-pull or open-drain),
as input (with or without pull-up or pull-down) or as peripheral alternate function. Most of
the GPIO pins are shared with digital or analog alternate functions. The I/O configuration
can be locked if needed following a specific sequence in order to avoid spurious writing
to the I/Os registers.
2.2.23 Analog-to-digital converter (ADC)
The one 12-bit analog-to-digital converters is embedded into microcontrollers and the ADC
shares up to 10 external channels, performing conversions in single-shot or scan modes.
In scan mode, automatic conversion is performed on a selected group of analog inputs.
The ADC can be served by the DMA controller.
The analog watchdog function allows very precise monitoring of all the way, multiple or
www.mm32mcu.com
11/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com