Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 43 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 43 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 39Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 40Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 41Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 42Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 43Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 44Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 45Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 46Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 47Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
046405
IDD_VBAT
IDD
VBAT
VDD
VDDA
Figure 12. Current consumption measurement scheme
5.2 Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Tables(Table 7、Table 8、Table 9)
may cause permanent damage to the device. These are stress ratings only and functional
operation of the device at these conditions is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
Table 7. Voltage characteristics
Symbol
Definition
Min
Max
Unit
VDD - VSS
External main supply
voltage(including VDDA and VSSA)
(1)
- 0.3
5.5
V
VIN
Input voltage on FT and FTf pins(2)
VSS - 0.3
5.5
Input voltage on other pins(2)
VSS - 0.3
5.5
| △ VDDx|
Variations between different VDD
power pins
50
mV
|VSSx − VSS|
Variations between all the different
ground pins
50
1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to
the external power supply, in the permitted range.
2. VIN maximum must always be respected. Refer to Table below for maximum allowed
injected current values.
Table 8. Current characteristics
Symbol
Definition
Max
Unit
IVDD
Total current into sum of all VDD/VDDA power
lines(source)(1)
150
mA
IVSS
Total current out of sum of all VSS ground lines(sink)
(
1)
150
mA
www.mm32mcu.com
37/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com