Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 56 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 56 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 52Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 53Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 54Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 55Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 56Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 57Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 58Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 59Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 60Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
Table 24. Low-power mode wakeup timings
Symbol
Parameter
Conditions
Max
Unit
tWUSLEEP
(
1)
Wakeup from Sleep
mode
HSI clock wakeup
4.2
μS
tWUSTOP
(
1)
Wakeup from Stop
mode
(The regulator is in run
mode)
HSI clock wakeup = 2μS
6.3
tWUSTDBY
(
1)
Wakeup from Standby
mode
HSI clock wakeup = 2μS
The regulator wakes up
from the off mode = 38μS
47
mS
1. The wake-up time is measured from the start of the wake-up event to the user program
to read the first instruction.
5.3.8
PLL characteristics
The parameters listed in the table below are measured using ambient temperature and
supply voltage in accordance with common operating conditions.
Table 25. PLL characteristics(1)
Symbol
Parameter
Min
Typ
Max
Unit
fPLL_IN
PLL input clock(2)
2
24
MHz
PLL input clock duty cycle
40
60
%
fPLL_OUT
PLL multiplier output clock
40
200
MHz
tLOCK
PLL lock time
100
μS
1. Guaranteed by design, not tested in production.
2. Take care to use the appropriate multiplier factors to obtain PLL input clock values
compatible with the range defined by fPLL_OUT.
5.3.9
Memory characteristics
Flash memory
The characteristics are given at TA = - 40◦C
∼ 105◦Cunless otherwise specified.
Table 26. Flash memory characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tprog
8-bit programming time
TA = -40◦C
∼
125◦C
4
μS
www.mm32mcu.com
50/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com