Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 75 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 75 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 71Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 72Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 73Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 74Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 75Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 76Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 77Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 78Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 79Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
EG = Gain error: The deviation between the last ideal transition and the last actual transi-
tion.
ED = Differential linearity error: The maximum deviation between the actual step and the
ideal value.
EL = Integral linearity error: The maximum deviation between any actual conversion and
the associated line of the endpoint.
439454
12-bit
converter
VAIN
RAIN
(1)
AINx
Parasi c
capacitance
Cparasi c(2)
CADC
(1)
RADC
(1)
Sanple and hold
ADC converter
Figure 25. Typical connection diagram using the ADC
1. See Table 42 for the values of RAIN, RADC and CADC.
2. Cparasitic represents the capacitance of the PCB (dependent on soldering and PCB
layout quality) plus the pad capacitance (roughly 7pF) . A high Cparasitic value will
downgrade conversion accuracy. To remedy this, fADC should be reduced.
PCB design recommendations
The power supply must be connected as shown below. The 10nFcapacitor in the figure
must be a ceramic capacitor (good quality) , and they should be as close as possible to
the MCU chip.
www.mm32mcu.com
69/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com