Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 14 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 14 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 10Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 11Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 12Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 13Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 14Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 15Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 16Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 17Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 18Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Specification
2.2.13 Direct memory access controller (DMA)
The 12-channel general-purpose DMAs manage memory-to-memory, peripheral-to-memory
and memory-to-peripheral transfers. The DMA supports circular buffer management, re-
moving the need for user code intervention when the controller reaches the end of the
buffer.
Each channel is connected to dedicated hardware DMA requests, with support for soft-
ware trigger on each channel. Configuration is made by software and transfer sizes be-
tween source and destination are independent.
DMA can be used with the main peripherals: UART、I2C、SPI、USB、CAN、ADC general-
purpose and advanced-control timers TIMx.
2.2.14 real-time clock register (RTC)
The real time clock is an independent timer. The RTC module has a set of counters that
count continuously and provides the clock calendar function in the appropriate software
configuration. Modify the value of the counter to reset the current time and date of the
system. The RTC module and the clock configuration system (RCC_BDCR register) are
in the backup area, ie the RTC settings and time remain unchanged after a system reset
or wake-up in standby mode.
2.2.15 Backup register (BKP)
The backup registers are ten 16-bit registers used to store 20 bytes of user application
data when VDD power is not present. They are still powered by VBAT. They are also not
reset when the system is woken up in standby mode, or when the system is reset or power
is reset.
2.2.16 Timers and watchdogs
Medium capacity device include 2 advanced control、4 general-purpose timers 、2 base-
timer 、2 watchdog timers and 1 SysTick timer.
The following table compares the features of the different timers:
Table 2. Timer feature comparison
Timer type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA request
generation
Capture/-
compare
channels
Complem
-entary
outputs
Advanced
control
TIM1
/TIM8
16-bit
Up, down,
up/down
integer
from 1 to
65536
Yes
4
Yes
General
purpose
TIM2 /
TIM5
32-bit
Up, down,
up/down
integer
from 1 to
232
− 1
Yes
4
No
www.mm32mcu.com
8/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com