Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 66 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 66 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 62Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 63Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 64Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 65Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 66Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 67Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 68Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 69Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 70Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
130244
VDD
VDD
SDA
SCL
100 Ω
100 Ω
4.7KΩ
4.7KΩ
Start
Start repeated
t su(STA)
t su(STA:STO)
t su(STO)
Stop
Start
SDA
t f(SDA)
SCL
t w(SCKH)
t h(STA)
t w(SCKL)
t r(SDA)
t su(SDA)
t h(SDA)
t r(SCK)
t f(SCK)
Figure 20. I2C bus AC waveform and measurement circuit(1)
1. Measurement point is set to the CMOS level:0.3VDD and 0.7VDD.
SPI characteristics
Unless otherwise specified, the parameters given in Table 36 are derived from tests per-
formed under the ambient temperature, fPCLKx frequency and VDD supply voltage condi-
tions summarized in Table 10.
Refer to subsubsec 5.3.12 for more details on the input/output alternate function charac-
teristics (NSS, SCK, MOSI, MISO).
Table 36. SPI characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
fSCK1/tc(SCK)
SPI clock frequency
Master mode
0
36
MHz
Slave mode
0
18
tr(SCK)
tf(SCK)
SPI clock rise and fall
time
Load capacitance: C = 30pF
8
ns
tsu(NSS)
(
2)
NSS setup time
Slave mode
4tPCLK
th(NSS)
(
2)
NSS hold time
Slave mode
73
tw(SCKH)
(
2)
tw(SCKL)
(
2)
SCK high and low time
Master mode,fPCLK = 36MHz,
prescale coefficient = 4
50
60
www.mm32mcu.com
60/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com