Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 77 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 77 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 73Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 74Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 75Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 76Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 77Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 78Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 79Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 80Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 81Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
Symbol
Parameter
Register
configuration
Min
Type
Max
Unit
HYST
Hysteresis
11
90
mV
OFFSET
Offset voltage
00
0.091
0.213
0.358
mV
OFFSET
Offset voltage
01
3.23
7.51
12.08
mV
OFFSET
Offset voltage
10
9.79
15
20.8
mV
OFFSET
Offset voltage
11
34.25
47.4
62.22
mV
DELAY(1)
Propagation delay
00
80
nS
DELAY(1)
Propagation delay
01
51
nS
DELAY(1)
Propagation delay
10
26
nS
DELAY(1)
Propagation delay
11
9
nS
Iq
(2)
Operating current mean
00
4.5
uA
Iq
(2)
Operating current mean
01
4.4
uA
Iq
(2)
Operating current mean
10
4.4
uA
Iq
(2)
Operating current mean
11
4.4
uA
1. The output flips 50% of the time and the time difference between the input and the flip.
2. Total current consumption, operating current.
www.mm32mcu.com
71/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com