Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 42 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 42 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 38Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 39Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 40Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 41Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 42Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 43Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 44Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 45Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 46Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
5.1.5
Pin input voltage
The input voltage measurement on a pin of the device is shown in the figure below.
814593
VIN
Figure 10. Pin input voltage
5.1.6
Power supply scheme
The power supply design scheme is shown in the figure below.
236518
VDDA
VSSA
10nF
+1µF
VDD
VDD
5x100nF
+1x4.7µF
VDD
1/2/3
VSS
1/2/3
/4/5
4/5
/
VBAT
Power switch
1.8V~5.5V
Kernel logic
(CPU, Digital
& Memories)
Analog:
RC, PLL,
COMP ...
GP I/Os
IN
OUT
Regulator
IO
Logic
Backup circuit
(40KHz oscillator, RTC
wake-up circuit, backup
register)
Figure 11. Power supply scheme
5.1.7
Current consumption measurement
The measurement of the current consumption on the pin is shown in the figure below.
www.mm32mcu.com
36/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com