Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 47 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 47 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 43Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 44Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 45Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 46Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 47Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 48Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 49Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 50Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 51Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TS_vrefint
(1)
ADC sampling time when reading the internal reference voltage10
µS
1. Shortest sampling time can be determined in the application by multiple iterations.
5.3.5
Supply current characteristics
The current consumption is a function of several parameters and factors such as the op-
erating voltage, temperature, I/O pin loading, device software configuration, operating fre-
quencies, I/O pin switching rate, program location in memory and executed binary code.
All Run-mode current consumption measurements given in this section are performed with
a reduced code.
Maximum current consumption
The MCU is placed under the following conditions:
• All I/O pins are in analog input mode, and are connected to a static level —- VDD or VSS
(no load)
• All peripherals are disabled except when explicitly mentioned
• The Flash memory access time is adjusted to the fHCLK (0
∼ 24 MHz is 0 waiting period
, 24
∼ 48 MHz is 1 waiting period, 48 ∼ 72 MHz is 2 waiting period, 72 ∼ 96 MHz is 3
waiting period ).
• The instruction prefetching function is on. When the peripherals are enabled:
fPCLK1 = fHCLK.
Note:The instruction prefetching function must be set before setting the clock and bus divider.
The parameters given in the table (Table 14、Table 15、Table 16) are based on the ambient
temperature and the VDD supply voltage listed in Table 10 .
Table 14. Typical current consumption in Run mode, code executing from Flash memory
Symbol
Parameter
Conditions
fHCLK
Typ(1)
Unit
All peripherals
enabled(2)
All peripherals
disabled
IDD
Supply current in run mode
External clock(2)
96MHz
26.23
15.2
mA
72MHz
20.52
12.19
48MHz
14.71
9.13
36MHz
11.76
7.58
24MHz
8.84
6.03
IDD
Supply current in run
mode
External
clock(2)
8MHz
4.1
3.14
www.mm32mcu.com
41/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com