Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 73 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 73 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 69Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 70Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 71Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 72Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 73Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 74Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 75Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 76Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 77Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
5.3.16 CAN (controller area network) interface
Refer to subsubsec 5.3.12 for more details on the input/output alternate function charac-
teristics (CAN_TX and CAN_RX).
5.3.17 12-bit ADC characteristics
Unless otherwise specified, The parameters in the table below are measured using the
ambient temperature, fPCLK2 frequency and VDDA supply voltage in accordance with the
conditions of Table 10.
Note: It is recommended to perform a calibration after each power-up
Table 40. ADC characteristics
Symbol
Parameter
Conditions
Min
Type
Max
Unit
VDDA
Supply voltage
2.5
5
5.5
V
VREF+
Positive reference
voltage
VDDA
V
fADC
(1)(3)
ADC clock
frequency
15
MHz
fS
(1)(3)
Sampling rate
1
MHz
fTRIG
(1)
External trigger
frequency
fADC = 15MHz
833
KHz
18
1/fADC
VAIN
(2)
Conversion voltage
range
0 (VSSA or
VREF− connected
to ground)
VREF+
V
RAIN
(1)
External sample
and hold capactor
See Formulas 1 and Table 41
kΩ
RADC
(1)
Sampling switch
resistance
0.75
kΩ
CADC
(1)
Internal sample and
hold capacitor
10
pF
tS
(1)
Sampling time
fADC = 15MHz
0.1
16
µs
1.5
239.5
1/fADC
tSTAB
(1)
Stabilization time
1
µs
tconv
(1)
Total conversion
time (including
Sampling time)
fADC = 15MHz
1
17.44
µs
15
∼ 253 (sampling t
S+ ) stepwise
approximation 13.5
1/fADC
1. Guaranteed by design. Not tested in production.
2. In this series of products, VREF+ is internally connected to DDA,VREF− is internally
connected to SSA.
3. fADC Maximum support 15MHz,fS Maximum support 1MHz (fPCLK2 = 60MHz,ADC
Prescaler = 4,fADC = 15MHz, TS = 1.5)
www.mm32mcu.com
67/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com