Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 48 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 48 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 44Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 45Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 46Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 47Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 48Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 49Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 50Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 51Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 52Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
1. The typical value is tested at TA = 25◦C.Guaranteed by design, not tested in production.
2. External clock is 8MHz, when fHCLK
> 8MHz enable PLL.
Table 15. Typical current consumption in Sleep mode, code executing from Flash memory or RAM
Symbol
Parameter
Conditions
fHCLK
Typ(1)
Unit
All peripherals
enabled(2)
All peripherals
disabled
IDD
Supply current in Sleep mode
External clock(2)
96MHz
22.41
10.92
mA
72MHz
17.57
8.96
48MHz
12.68
6.96
36MHz
10.29
5.95
24MHz
7.79
4.9
8MHz
3.46
2.8
1. The typical value is tested at TA = 25◦C.From a comprehensive evaluation, it is tested
in terms of VDDmax and fHCLKmax enable peripherals in production.
2. External clock is 8MHz, when fHCLK
> 8MHz enable PLL.
Table 16. Maximum current consumption in Stop and Standby mode, code executing from Flash memory
Symbol
Parameter
Conditions
Max
Unit
TA=25◦C
IDD
Supply current in Stop mode
Enter the stop mode after reset,
VDD = 3.3V
402
µA
Supply current in Standby
mode
Enter the standby mode after reset,
VDD = 3.3V
0.4
IDD_VBAT
Supply current in the
backup area
Low speed oscillator and RTC are on,
VDD/VBAT = 3.3V
0.2
µA
1. I/O status is analog input.
www.mm32mcu.com
42/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com