Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 45 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 45 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 41Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 42Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 43Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 44Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 45Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 46Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 47Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 48Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 49Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VDDA
Analog operating
voltage
Must be the same voltage as VDD
(
1)
2.5
5.5
V
VBAT
Backup part of working
voltage
1.8
5.5
V
PD
Power dissipation
temperature:
TA = 85◦C
(
2)
LQFP64
203
mW
LQFP48
LQFP32/QFN32
TA
Ambient temperature:
TA=85◦C
Maximum power dissipation
-40
85
◦C
Low power dissipation(3)
-40
105
Ambient temperature:
TA=105◦C
Maximum power dissipation
-40
105
◦C
Low power dissipation(3)
-40
125
1. It is recommended to use the same power supply for VDD and VDDA, the maximum
permissible difference between VDD and VDDA is 300mVduring power up and normal
operation.
2. If TA is low, higher PD values are allowed as long as TJ does not exceed TJmax (See
subsec 5.1).
3. In low power dissipation state, TA can be extended to this range as long as TJ does
not exceed TJmax (See subsec 5.1).
5.3.2
Operating conditions at power-up/power-down
The parameters given in the table below are based on tests under normal operating con-
ditions.
Table 11. Operating conditions at power-up/power-down
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VVDDrise time rate
TA = 27◦C
100
∞
µS/V
VVDDfall time rate
100
∞
5.3.3
Embedded reset and power control block characteristics
The parameters given in the table below are based on the ambient temperature and the
VDD supply voltage listed in Table 10.
Table 12. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VPVD
Level selection of programmable voltage detectors
PLS[3:0]=0000 (Rising edge)
1.813
1.819
1.831
V
PLS[3:0]=0000 (Falling edge)
1.705
V
PLS[3:0]=0001 (Rising edge)
2.112
2.116
2.124
V
PLS[3:0]=0001 (Falling edge)
2.0
V
www.mm32mcu.com
39/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com