Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 10 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 10 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 6Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 7Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 8Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 9Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 10Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 11Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 12Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 13Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 14Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Specification
2.2.1
ARM® CortexTM-M3 and SRAM
The ARM® CortexTM-M3 is a generation of ARM processors for embedded systems. It has
been developed to provide a low-cost platform that meets the needs of MCU implementa-
tion, with a reduced pin count and low-power consumption, while delivering outstanding
computational performance and an advanced system response to interrupts.
The ARM® CortexTM-M3 processors feature exceptional code-efficiency, delivering the
high performance expected from an ARM core, with memory sizes usually associated
with 8- and 16-bit devices.
The devices have embedded ARM core and are compatible with all ARM tools and soft-
ware.
2.2.2
Memory
512K Bytes of embedded Flash memory.
2.2.3
SRAM
128K Bytes of embedded SRAM.
2.2.4
Clocks and startup
When the system is powered up, the default clock is from PLL with the resource from
HSE 48 MHz oscillator. An external 2
∼ 24 MHz clockcan also be configured to monitor
the system during power up phases. If the system fails at power up, then the device
will switch back to HSI clock directly. At the same time, a software interrupt can also be
generated if it is enabled.
Several prescalers allow the application to configure the frequency of the AHB and the
APB domains. The maximum frequency of the AHB and the APB domains is 168MHZz.Refer
to figure 3 for the clock drive block diagram.
www.mm32mcu.com
4/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com