Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 65 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 65 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 61Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 62Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 63Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 64Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 65Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 66Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 67Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 68Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 69Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
1. TIMx is a generic name, representing TIM4.
5.3.15 Communication interfaces
I2C interface characteristics
Unless otherwise specified, the parameters given in Table 35 are derived from tests per-
formed under the ambient temperature, fPCLK1frequency and supply voltage conditions
summarized in Table 10: General operating conditions.
The I2C interface conforms to the standard I2C communication protocol, but has the fol-
lowing limitations: SDA and SCL are not true pins. When configured as open-drain output,
the PMOS transistor between the pin and VDD Was closed but still exists.
The I2C I/Os characteristics are listed in Table 35, the alternate function characteristics of
I/Os (SDA and SCL) refer to subsubsec 5.3.12.
Table 35. I2C characteristics
Symbol
Parameter
Standard I2C(1)
Fast I2C (1)(2)
Unit
Min
Max
Min
Max
tw(SCLL)
SCL clock fall time
4.7
1.3
µs
tw(SCLH)
SCL clock rise time
4.0
0.6
µs
tsu(SDA)
SDA setup time
250
100
ns
th(SDA)
SDA data hold time
0(3)
0(4)
900(3)
tr(SDA) tr(SDL)
SDA and SCL rise time
1000
2.0+0.1Cb
300
tf(SDA) tf(SDL)
SDA and SCL fall time
300
300
th(STA)
Start condition hold time
4.0
0.6
µs
tsu(STA)
Start condition setup time
4.7
0.6
tsu(STO)
Stop condition setup time
4.0
0.6
tw(STO:STA)
Time from Stop condition to
Start condition
4.7
1.3
Cb
Capacitive load of each bus
400
400
pF
1. Guaranteed by design, not tested in production.
2. fPCLK1must be at least 3MHz to achieve standard mode I2C frequencies. It must be at
least 12MHz to achieve fast mode I2C frequencies.
3. The maximum Data hold time has only to be met if the interface does not stretch the
low period of SCL signal.
4. In order to span the undefined area of the falling edge of SCL, it must ensure that the
SDA signal has a hold time of at least 300nS.
www.mm32mcu.com
59/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com