Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 51 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 51 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 47Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 48Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 49Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 50Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 51Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 52Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 53Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 54Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 55Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
1. Guaranteed by design, not tested in production.
Low-speed external user clock characteristics
The characteristic parameters given in the following table are measured using a low-speed
external clock source, ambient temperature and power supply voltage meet the conditions
of General operating conditions.
Table 19. Low-speed external user clock characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSE_ext
User external clock source
frequency(1)
16
32.768
200
KHz
VLSEH
OSC_IN input pin high level
voltage
1.2
V
VLSEL
OSC_IN input pin low level
voltage
0.25
V
tw(LSE)
OSC_IN high or low time(1)
15259
nS
tr(LSE)
OSC_IN rise time(1)
30
nS
tf(LSE)
OSC_IN fall time(1)
30
nS
Cin(LSE)
OSC_IN input capacitance(1)
5
pF
DuCy(LSE)
Duty cycle
50
%
IL
OSC_IN input leakage current
VSS ≤ VIN ≤ VDD
0.03
uA
1. Guaranteed by design, not tested in production.
474122
External Clock
Source
90%
10%
THSE
tw(HSE)
t
VHSEH
VHSEL
fHSE_ext
OSC_IN
IL
tw(HSE)
tf(HSE)
tr(HSE)
Figure 14. High-speed external clock source AC timing diagram
www.mm32mcu.com
45/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com