Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 60 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 60 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 56Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 57Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 58Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 59Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 60Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 61Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 62Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 63Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 64Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CIO
I/O pin capacitance
5
pF
1. Schmitt Trigger switching hysteresis voltage level.Data based on design simulation
only. Not tested in production.
2. The leakage could be higher than the maximum value, if negative current is injected
on adjacent pins.
3. Pull-up and pull-down resistors are designed with a true resistance in series with a
switchable PMOS/NMOS. This PMOS/NMOS contribution to the series resistance is
minimal (10% order).
All I/Os are CMOS (no software configuration required). Their characteristics cover more
than the strict CMOS-technology.
• For VIH:
– If VDD is between [2.50V
∼ 3.08V]; use CMOS features.
– If VDD is between [3.08V
∼ 3.60V]; include CMOS.
• For VIL:
– Use CMOS features.
Output driving current
The GPIOs (general purpose input/outputs) can sink or source up to ±20mA.
n the user application, the number of I/O pins which can drive current must be limited to
respect the absolute maximum rating specified in 5.2:
• The sum of the currents obtained from VDD for all I/O ports, plus the maximum operating
current that the MCU obtains on VDD, cannot exceed the absolute maximum rating IVDD.
• The sum of the currents drawn by all I/O ports and flowing out of VSS, plus the maximum
operating current of the MCU flowing out on VSS, cannot exceed the absolute maximum
rating IVSS.
Output voltage levels
Unless otherwise stated, the parameters listed in the table below are measured using the
ambient temperature and VDD supply voltage in accordance with the condition Table 7. All
I/O ports are CMOS compatible.
Table 31. Output voltage characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(
1)
Output low level voltage for an
I/O pin,when 8 pins absorb
current
CMOS Port,IIO = +8mA
2.7V
< VDD < 3.6V
0.4
www.mm32mcu.com
54/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com