Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 74 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 74 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 70Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 71Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 72Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 73Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 74Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 75Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 76Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 77Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 78Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
Formula 1: Maximum RAIN Formula
RAIN
<
TS
fADC
× CADC × (N + 3) × ln(2)
− RADC
The above formula (Equation 1) is used to determine the maximum external impedance
so that the error can be less than 1/4 LSB. Where N = 12 (representing 12-bit resolution)
. Ln(2) = 0.69314718.
Table 41. Maximum RAIN at fADC = 15MHz
(1)
TS (cycles)
tS (µs)
RAIN max (kΩ)
1.5
0.1
0.2
7.5
0.5
4.1
13.5
0.9
7.9
28.5
1.9
17.5
41.5
2.8
25.9
55.5
3.7
34.8
71.5
4.8
NA
239.5
16.0
NA
1. Guaranteed by design. Not tested in production.
Table 42. ADC Accuracy - Limit Test Conditions(1)(2)
Symbol
Parameter
Test Conditions
Type
Max
Unit
ET
Comprehensive error
fPCLK2 = 60MHz,fADC =
15MHz,RAIN
< 10KΩ,VDDA
= 5V,TA = 25◦C
8
10
LSB
EO
Offset error
3
3
EG
Gain error
1
1
ED
Differential linearity error
6.5
7
EL
Integral linearity error
8
8
1. ADC Accuracy vs. Negative Injection Current: Injecting negative current on any of
the standard (non-robust) analog input pins should be avoided as this significantly
reduces the accuracy of the conversion being performed on another analog input. It is
recommended to add a Schottky diode (pin to ground) to standard analog pins which
may potentially inject negative current.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in
subsubsec 5.3.13 does not affect the ADC accuracy.
2. Guaranteed based on test during characterization. Not tested in production.
ET = Total unadjusted error: The maximum deviation between the actual and ideal trans-
mission curves.
EO = Offset error: The deviation between the first actual conversion and the first ideal
conversion.
www.mm32mcu.com
68/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com