Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 11 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 11 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 7Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 8Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 9Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 10Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 11Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 12Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 13Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 14Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 15Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Specification
292534
HSI
48 MHz
PLL
/4
Prescaler
/1,2,3...
HSI/6
PLLCLK
AHB
Prescaler/
1,2..512
HSE OSC
2-24 MHz
LSE OSC
32.768 kHz
LSI
40kHz
/2
CSS
/128
HSE
SYSCLK
SW
DM
DN
PLLSRC
PLLXTPRE
LSE
RTCSEL [1:0]
LSI
RTC Clock
IWDG Clock
OSC32_OUT
OSC32_IN
OSC_IN
OSC_OUT
48MHz
APB1
Prescaler
/1,2,4,8,16
/8
If (APB1 Prescaler=1) x 1
else
x 2
ADC
Prescaler
/2,4,6,8
48MHz USB/RNG
SysTick
Clock
FCLK Cortex
Free-running clock
Legend:
HSE = high-speed external clock signal
HSI = high-speed internal clock signal
LSI = low-speed internal clock signal
LSE = low-speed external clock signal
HSI
CRS
AHB
Peripheral
Clocks
Peripheral Clock Enable
TRNG Seed
APB1
Peripherals
Clock
Peripheral Clock Enable
APB1 Timer
Clock
Peripheral
Clock Enable
APB2
Prescaler
/1,2,4,8,16
APB2
Peripherals
Clock
Max-Freq = 15 MHz
If (APB2 Prescaler=1) x 1
else
x 2
Peripheral
Clock Enable
ADC Clock
Analog
RNG Seed
APB2 Timer
Clock
PLLCLK
HSI
HSE
LSE
MCO
Main
Clock Output
MCO
/2
SYSCLK
LSI
HSI 48 MSEL
Peripheral Clock Enable
/6
Other
Peripheral
Qspi/Tck/SDIO
/
LSI
I2C/SPI
Figure 1. Clock tree
2.2.5
Cyclic Redundancy Check (CRC)
The CRC (Cyclic Redundancy Check) calculation unit uses a fixed polynomial generator
to generate a CRC code from a 32-bit data word.
In many applications, CRC-based techniques are used to verify the consistency of data
transmission or storage. Within the scope of the EN/IEC 60335-1 standard, it provides
a means of detecting flash memory errors that can be used to compute the signature
of the software in real time and to compare the generated signatures when linking and
www.mm32mcu.com
5/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com