Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 64 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 64 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 60Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 61Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 62Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 63Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 64Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 65Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 66Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 67Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 68Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
368560
NRST
(2)
RPU
VDD
0.1µF
External
reset circuit
Filter
Internal
reset
(1)
Figure 19. Recommended NRST pin protection
1. The reset network is to prevent parasitic reset
2. The user must ensure that the potential of the NRST pin is below the maximum VIL(NRST)
listed in Table 33, otherwise the MCU cannot be reset.
5.3.14 Timer characteristics
The parameters given in the following tables are guaranteed by design.
For details on the characteristics of the I/O multiplexing function pins (output compare,
input capture, external clock, PWM output) , see subsubsec 5.3.12.
Table 34. TIMx(1) characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
tres(TIM)
Timer resolution time
1
tTIMxCLK
fTIMxCLK =
96MHz
10.4
nS
fEXT
Timer external clock
frequency on CH1 to CH4
0
fTIMxCLK/2
MHz
fTIMxCLK =
96MHz
0
48
ResTIM
Timer resolution
16
Bit
tCOUNTER
16-bit timer
maximum period
1
65536
tTIMxCLK
fTIMxCLK =
96MHz
0.0104
682
µS
tMAX_COUNT
The maximum possible count
65536 × 65536
tTIMxCLK
fTIMxCLK =
96MHz
44.7
S
www.mm32mcu.com
58/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com