Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 13 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 13 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 9Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 10Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 11Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 12Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 13Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 14Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 15Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 16Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 17Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Specification
powered separately.
• VBAT= 1.8V
∼ 5.5V:power supply for RTC, external clock 32 KHz oscillator and backup
registers (through power switch) when VDD is not present.
2.2.10 Power supply supervisors
The device has integrated power-on reset (POR) and power-down reset (PDR) circuits.
They are always active, and ensure proper operation above a threshold of 1.8V. The
device remains in reset mode when the monitored supply voltage is below a specified
threshold VPOR/PDR, without the need for an external reset circuit.
The device features an embedded programmable voltage detector (PVD) that monitors
the VDD/VDDA power supply and compares it to the VPVD threshold. An interrupt can be
generated when VDD drops below the VPVD threshold and/or when VDD is higher than
the VPVD threshold.The interrupt service routine can then generate a warning message
and/or put the MCU into a safe state. The PVD is enabled by software.
2.2.11 Voltage regulator
The voltage regulator converts the external voltage to the internal digital logic and it is
always enabled after reset.
2.2.12 Low-power modes
The device support three low-power modes to achieve the best compromise between low
power consumption, short startup time and available wakeup sources.
Sleep mode
In Sleep mode, only the CPU is stopped. All peripherals continue to operate and can wake
up the CPU when an interrupt/event occurs.
Stop mode
Stop mode achieves very low power consumption while retaining the content of SRAM
and registers. the HSI and the HSE crystal oscillators are disabled. The voltage regulator
can also be put either in normal or in low power mode.
Standby mode
Standby mode achieves the lowest power consumption of the system. This mode turns
off the voltage regulator in CPU deep sleep mode. The entire 1.5V power supply area is
powered down. PLL、HSI and HSE oscillators are also powered down. SRAM and register
contents are missing. Only the backup registers and standby circuits remain powered.
www.mm32mcu.com
7/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com