Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 7 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 7 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 3Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 4Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 5Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 6Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 7Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 8Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 9Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 10Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 11Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Introduction
1
Introduction
Introduction
1.1 Description
MM32F103xCxE(named as ”the device” throughout this document) is ARM® CortexTM-M3
32-bit RISC core based micro controller family. The device has high speed embedded
memory and the CPU, memory and AHB bus subsystem speed can attain up to 168MHZ.
The device also has integrated with extensive range of enhanced I/Os, two APB buses
peripherals, 1 12-bit ADC, 2 Comparators, 2 general purpose 16-bit timers, 2 general pur-
pose 32-bit timers, 2 Basic timers, 2 Advanced 16-bit timers, and standard communication
interfaces device: 2 I2Cs, 3 SPIs, 1 USB, 1 CAN, 1 SDIO, and 8 UARTs.
The device works between 2.0V to 5.5V range. The normal temperature for the device
is -40◦C to +85◦C and -40◦C to +105◦C extended temperature range devices are also
available upon ordering. A comprehensive set of power-saving mode allows the design
of low-power applications.
The devices are available in 5 different packages: LQFP100, LQFP64, LQFP48, LQFP32
and QFN32. Depending on the device chosen, different sets of peripherals are included.
The abundant peripheral configurations enable the device to fit wide range of applications
in difference industries, Few examples are as follows:
• Motor drive and application control
• Healthcare and fitness equipment
• PC peripherals, gaming, GPS equipment
• Industrial Applications: Programmable Controllers (PLCs), Inverters, Printers and Scan-
ners
• Alarm system, wired and wireless sensors, video intercom
1.2 Product Features
• Core and system
– ARM® CortexTM-M3 CPU
– Standard operating frequency is up to 96MHZ
– Maximum operating frequency is up to 168MHZ
• Memories
– 512K Bytes of Flash memory
– 128K Bytes of SRAM
www.mm32mcu.com
1/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com