Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 61 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 61 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 57Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 58Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 59Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 60Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 61Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 62Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 63Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 64Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 65Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
(
2)
Output high level voltage for an
I/O pin,when 8 pins output
current
CMOS Port,IIO = +8mA
2.7V
< VDD < 3.6V
0.8VDD
V
VOL
(
1)(3)
Output low level voltage for an
I/O pin,when 8 pins absorb
current
IIO = +20mA
2.7V
< VDD < 3.6V
0.4
VOH
(
2)(3)
Output high level voltage for an
I/O pin,when 8 pins output
current
0.8VDD
VOL
(
2)(3)
Output low level voltage for an
I/O pin,when 8 pins absorb
current
IIO = +6mA
2V
< VDD < 2.7V
TBD
VOH
(
2)(3)
Output high level voltage for an
I/O pin,when 8 pins output
current
IIO = +6mA
2V
< VDD < 2.7V
TBD
1. The current absorbed by the chip IIO must always follow the absolute maximum ratings
given in the table, and the sum of IIO (all I/O feet and control pins) must not exceed
IVSS.
2. The current output IIO of the chip must always follow the absolute maximum rating
given in the table, and the sum of IIO (all I/O pins and control pins) must not exceed
IVDD.
3. Data based on characterization results. Not tested in production.
Input/output AC characteristics
The definitions and values of the input and output AC characteristics are given in figure 18
and Table 32, respectively.
Unless otherwise stated, the parameters listed in Table 32 are measured using the ambient
temperature and supply voltage in accordance with the condition Table 7.
Table 32. I/O AC characteristics(1)
OSPEEDRy
[
1:0] value (1)
Symbol
Parameter
Conditions
Min
Max
Unit
01
(10MHz)
fmax(IO)out
Maximum
frequency(2)
CL = 50pF,
VDD = 2V
∼3.6V
10
MHz
tf(IO)out
Output fall time
CL = 50pF,
VDD = 2V
∼ 3.6V
25(3)
nS
tr(IO)out
Output rise time
25(3)
10
(20MHz)
fmax(IO)out
Maximum
frequency(2)
CL = 50pF,
VDD = 2V
∼ 3.6V
20
MHz
tf(IO)out
Output fall time
CL = 50pF,
VDD = 2V
∼ 3.6V
125(3)
nS
www.mm32mcu.com
55/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com