Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 54 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 54 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 50Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 51Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 52Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 53Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 54Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 55Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 56Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 57Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 58Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
the maximum value of CL1 and CL2 (15pF) , it is highly recommended to use a resonator
with a load capacitance of CL ≤ 7pF. A resonator with a load capacitance of 12.5pF cannot
be used. For example, if a resonator with a load capacitance of CL = 6pF is selected and
Cstray = 2pF, then CL1 = CL2 = 8pF.
Table 21. LSI oscillator characteristics (fLSE=32.768KHz)
(
1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RF
Feedback resistor
25
MΩ
CL1
CL2
(
2)
The proposed load
capacitance corresponds to
the crystal serial impedance
(RS)
(
3)
RS = 30Ω
4
pF
I2
LSE current consumption
VDD = 3.3V
VIN= VSS
0.08
μA
gm
Oscillator transconductance
0.5
μA/V
tSU(HSE)
(
4)
Startup time
VDD is stabilized
1
4
S
1. Guaranteed by design, not tested in production.
2. See the note and warning paragraphs above this table.
3. Selecting a high quality oscillator with a small RS value (such as MSIV-TIN 32.768KHz)
optimizes current consumption. Please consult the crystal manufacturer for details.
4. tSU(HSE) is the start-up time, which is measured from the time the software enables
HSE until a stable 8MHz oscillation is obtained. This value is measured on a standard
crystal resonator, which may vary greatly depending on the crystal manufacturer.
112577
CL2
CL1
32.768KHz
OSC32_IN
OSC32_OUT
fLSE
RF
Figure 17. Typical application with a 32.768 kHz crystal
5.3.7
Internal clock source characteristics
The characteristic parameters given in the table below are measured using ambient tem-
perature and supply voltage in accordance with general operating conditions.
High-speed internal (HSI) oscillator
www.mm32mcu.com
48/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com