Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 57 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 57 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 53Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 54Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 55Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 56Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 57Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 58Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 59Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 60Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 61Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tERASE
Page (512K bytes) erase time
TA = -40◦C
∼
125◦C
4
5
mS
tME
Mass erase time
TA = -40◦C
∼
125◦C
20
40
mS
IDD
Supply current
Read mode, fHCLK =
48MHz
5
6
mA
Write mode,fHCLK =
48MHz
7
mA
Erase mode, fHCLK
= 48MHz
2
mA
ISB
Standby current
1@25◦C
50@125◦C
μA
IDEP
Deep Standby current
0.5
15@125◦C
μA
Table 27. Flash memory endurance and data retention(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
NEND
Endurance
(Annotation:
Erase
number of
times)
TA = - 40◦C
∼ 85◦C
TA = - 40◦C
∼ 105◦C
10
K cycle
tRET
Data
retention
1 K cycle(2) at TA = 85◦C
30
Year
1 K cycle(1)(2) at TA = 105◦C
10
10 K cycle(1)(2) at TA = 55◦C
20
1. Guaranteed by design, not tested in production.
2. Cycle tests are carried out in the whole temperature range.
5.3.10 EMC characteristics
Susceptibility tests are performed on a sample basis during device characterization.
Functional EMS (electromagnetic susceptibility)
While a simple application is executed on the device (toggling 2 LEDs through I/O ports) ,
the device is stressed by two electromagnetic events until a failure occurs. The failure is
indicated by the LEDs:
• Electrostatic discharge (ESD) (positive and negative) is applied to all device pins until a
functional disturbance occurs. This test is compliant with the IEC 61000-4-2 standard.
• FTB:A Burst of Fast Transient voltage (positive and negative) is applied to VDD and
VSS through a 100 pF capacitor, until a functional disturbance occurs. This test is
www.mm32mcu.com
51/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com