Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 63 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 63 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 59Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 60Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 61Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 62Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 63Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 64Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 65Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 66Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 67Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
868304
The external output
load is 50 pF
Maximum frequency is achieved if ((tr + tf) ≤ 2/3)T,
(45 ~ 55%)
tr (IO)out
tr (IO)out
10%
50%
90%
10%
50%
90%
T
and if the duty cycle is
when loaded by C (see the i/O AC characteristics definition)
Figure 18. I/O AC characteristics
5.3.13 NRST pin characteristics
The NRST pin input driver uses the CMOS technology. It is connected to a permanent
pullup resistor, RPU.
Unless otherwise stated, the parameters listed in the table below are measured using the
ambient temperature and VDD supply voltage in accordance with the condition Table 7.
Table 33. NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(NRST)
(
1)
NRST input low level voltage
-0.5
0.8
V
VIH(NRST)
(
1)
NRST input high level
voltage
2
VDD
Vhys(NRST)
NRST Schmitt trigger voltage
hysteresis
0.2VDD
V
RPU
Weak pull-up equivalent
resistor(2)
VIN = VSS
15
kΩ
VF(NRST)
(
1)
NRST input filtered pulse
100
ns
VNF(NRST)
(
1)
NRST input not filtered pulse
300
1. Data based on design simulation only. Not tested in production.
2. The pull-up is designed with a true resistance in series with a switchable PMOS. This
PMOS contribution to the series resistance is minimal (10% order).
www.mm32mcu.com
57/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com