Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 68 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 68 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 64Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 65Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 66Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 67Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 68Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 69Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 70Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 71Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 72Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
th(MI)
(
2)
Data input hold time,
Master mode
SPI1
1
th(SI)
(
2)
Data input hold time,
Slave mode
3
ns
ta(SO)
(
2)(3)
Data output access time
Slave mode,fPCLK = 36MHz,
prescale coefficient = 4
0
55
Slave mode,fPCLK = 24MHz
4tPCLK
tdis(SO)
(
2)(4)
Data output disable time
Slave mode
10
tv(SO)
(
2)(1)
Data output valid time
Slave mode (after enable edge)
25
tv(MO)
(
2)(1)
Data output valid time
Master mode (after enable
edge)
3
th(SO)
(
2)
Data output hold time
Slave mode (after enable edge)
25
th(MO)
(
2)
Master mode (after enable
edge)
4
1. Remapping SPI1 characteristics needs to be further determined.
2. Data based on characterization results. Not tested in production.
3. Min time is for the minimum time to drive the output and the max time is for the maxi-
mum time to validate the data.
4. Min time is for the minimum time to invalidate the output and the max time is for the
maximum time to put the data in Hi-Z.
www.mm32mcu.com
62/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com