Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 76 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 76 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 72Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 73Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 74Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 75Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 76Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 77Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 78Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 79Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 80Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
326818
VDDA
VSSA
1 µF // 10 nF
VDDA
Figure 26. Power supply and reference power supply decoupling circuit
5.3.18 Temperature sensor characteristics
Table 43. Temperature sensor characteristics(3)(4)
Symbol
Parameter
Min
Type
Max
Unit
TL
(
1)
VSENSE linearity with respect to
temperature
±5
◦C
Avg_Slope(1)
Average slope
4.571
4.801
5.984
mV/◦C
V25
(
1)
Voltage at 25◦C
1.433
1.451
1.467
V
tstart
(
2)
Setup time
10
µs
TS_temp
(
2)
ADC sampling time when
reading temperature
10
µs
1. Guaranteed based on test during characterization. Not tested in production.
2. Guaranteed by design. Not tested in production.
3. The shortest Sampling time can be determined by the application through multiple
iterations.
4. VDD = 3.3V.
5.3.19 Comparator characteristics
Table 44. Comparator characteristics
Symbol
Parameter
Register
configuration
Min
Type
Max
Unit
HYST
Hysteresis
00
0
mV
HYST
Hysteresis
01
15
mV
HYST
Hysteresis
10
30
mV
www.mm32mcu.com
70/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com