Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 41 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 41 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 37Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 38Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 39Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 40Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 41Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 42Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 43Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 44Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 45Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
5
Electrical characteristics
Electrical characteristics
5.1 Parameter conditions
Unless otherwise specified, all voltages are referenced to VSS.
5.1.1
Minimum and maximum values
Unless otherwise specified, the minimum and maximum values are guaranteed with an
ambient temperature at TA = 25◦C, VDD = 3.3V.
5.1.2
Typical values
Unless otherwise specified, typical data are based on TA = 25◦C and VDD = 3.3V. They
are given only as design guidelines and are not tested.
5.1.3
Typical curves
Unless otherwise specified, all typical curves are given only as design guidelines and are
not tested.
5.1.4
Loading capacitor
The load conditions used for pin parameter measurement are shown in the figure below.
296610
C = 50 pF
Figure 9. Pin loading conditions
www.mm32mcu.com
35/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com