Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 34 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 34 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 30Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 31Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 32Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 33Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 34Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 35Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 36Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 37Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 38Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Pin definition
Pin number
Pin name
Type(1)
I/O
structure(2)
Main
function
Alternate
functions
Additional
functions
LQFP
100
LQFP
64
LQFP
48
LQFP
32
QFN
32
96
62
46
-
-
PB9
I/O
FT
PB9
TIM4_CH4/
I2C1_SDA/
SPI2_NSS/
CAN1_TX/
COMP2_OUT
-
97
-
-
-
-
PE0
I/O
FT
PE0
TIM4_ETR/
FMC_NBL0/
UART8_RX
-
98
-
-
-
-
PE1
I/O
FT
PE1
FMC_NBL1/
UART8_TX
-
99
63
47
32
0
VSS
S
-
VSS
-
-
100
64
48
1
1
VDD
S
-
VDD
-
-
1. I = input, O = output, S = power supply, HiZ = high resistance.
2. FT: 5V tolerant, Input signal should be between VDD and 5V.
Table 4. Alternate functions AF0
∼AF7
Pin
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
PA0
-
TIM2_CH1
_ETR
TIM5_CH1
TIM8_ETR
-
-
-
UART2_CTS
PA1
-
TIM2_CH2
TIM5_CH2
-
-
-
-
UART2_RTS
PA2
-
TIM2_CH3
TIM5_CH3
-
-
-
-
UART2_TX
PA3
-
TIM2_CH4
TIM5_CH4
-
-
-
-
UART2_RX
PA4
-
-
-
-
-
SPI1_NSS
SPI3_NSS
-
PA5
-
TIM2_CH1
_ETR
-
TIM8_CH1N
-
SPI1_SCK
-
-
PA6
-
TIM1_BKIN
TIM3_CH1
TIM8_BKIN
-
SPI1_MISO
-
-
PA7
-
TIM1_CH1N TIM3_CH2
TIM8_CH1N
-
SPI1_MOSI
-
-
PA8
MCO1
TIM1_CH1
-
-
-
-
-
-
PA9
-
TIM1_CH2
-
-
I2C1_SCL
-
-
UART1_TX
PA10
-
TIM1_CH3
-
-
I2C1_SDA
-
-
UART1_RX
PA11
-
TIM1_CH4
-
-
-
-
-
UART1_CTS
PA12
-
TIM1_ETR
-
-
-
-
-
UART1_RTS
PA13
JTMS
_SWDIO
-
-
-
-
-
-
-
PA14
JTCK
_SWCLK
-
-
-
I2C1_SDA
-
-
-
www.mm32mcu.com
28/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com