Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 44 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 44 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 40Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 41Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 42Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 43Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 44Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 45Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 46Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 47Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 48Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
Symbol
Definition
Max
Unit
IIO
Output current sunk by any I/O and control pin
20
mA
IIO
Output current source by any I/O and control pin
-18
mA
IINJ(PIN)
(
2)(3)
Injected current on NRST pins
±5
mA
IINJ(PIN)
(
2)(3)
Injected current on OSC_IN pin of HSE and OSC_IN pin
of LSE
±5
mA
IINJ(PIN)
(
2)(3)
Injected current on other pins(4)
±5
mA
Σ
IINJ(PIN)
(
2)
Total injected current(sum of all I/O and control pins)(4)
±25
mA
1. All main power(VDD, VDDA) and ground(VSS, VSSA) pins must always be connected to
the external power supply, in the permitted range.
2. IINJ(PIN) cannot exceed its limit, that is, to ensure that the VIN does not exceed its
maximum value. If VIN does not guarantee that its maximum value is not exceeded,
ensure that IINJ(PIN) does not exceed its maximum value under external restrictions.
When VIN
> VDD, there is a forward injection current; when VIN < VSS, there is a reverse
injection current.
3. Negative injection disturbs the analog performance of the device.
4. When several inputs are submitted to a current injection, the maximum IINJ(PIN) is the
absolute sum of the positive and negative injected currents (instantaneous values).
Table 9. Thermal characteristics
Symbol
Definition
Max
Unit
TSTG
Storage temperature range
- 45
∼ + 150
◦C
TJ
Maximum junction
temperature
125
◦C
5.3 Operating conditions
5.3.1
General operating conditions
Table 10. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock
frequency
0
96
MHz
fPCLK1
Internal APB1 clock
frequency
0
fHCLK
fPCLK2
Internal APB2 clock
frequency
0
fHCLK
VDD
(
1)
Standard operating
voltage
2.0
5.5
V
www.mm32mcu.com
38/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com