Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 18 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 18 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 14Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 15Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 16Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 17Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 18Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 19Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 20Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 21Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 22Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Specification
all selected channels, and an interruption occurs when the monitored signal exceeds the
preset threshold. The events generated by the general-purpose timers (TIMx) and the
advanced-control timer (TIM1) can be internally connected to the ADC start trigger to
allow the application to synchronize A/D conversion and timers.
2.2.24 Temperature sensor
The temperature sensor has to generate a voltage that varies linearly with temperature.
The temperature sensor is internally connected to the input channel which is used to con-
vert the sensor output voltage into a digital value.
2.2.25 Serial single line SWD debug port (SW-DP)
Built-in ARM two-wire serial debug port (SW-DP) and Single line (JTAG).
An ARM SW-DP interface is provided to allow a serial wire debugging tool to be connected
to the MCU.
2.2.26 Comparator (COMP)
The devices embed 2 general purpose comparators. that can be used either as standalone
devices (all terminal are available on I/Os) or combined with the timers. The comparators
can be used for a variety of functions including:
• Wake-up from low-power mode triggered by an analog signal,
• Analog signal conditioning,
• Cycle-by-cycle current control loop when combined with the PWM output from a timer.
• Rail-to-rail comparators
• Each comparator has positive and configurable negative inputs used for flexible voltage
• Selection:
– Reusable I/O pins
– Internal comparison voltage CRV selects the voltage divider value of AVDD or
internal reference voltage
• Programmable hysteresis
• Programmable speed/consumption
• The outputs can be redirected to an I/O or to timer inputs for triggering:
– Capture events
– OCref_clr events (for cycle-by-cycle current control)
– Break events for fast PWM shutdowns
www.mm32mcu.com
12/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com