Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 49 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 49 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 45Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 46Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 47Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 48Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 49Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 50Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 51Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 52Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 53Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
818029
Supply current in standby mode
3
2
1
9
0
8
7
6
5
4
TA = - 40°C
TA = 105°C
TA = 70°C
TA = 25°C
Figure 13. Typical current consumption in standby mode vs. temperature at VDD = 3.3V
Typical current consumption
The MCU is placed under the following conditions:
• All I/O pins are in analog input configuration, and are connected to a static level —- VDD
or VSS (no load).
• All the peripherals are closed, unless otherwise specified.
• The Flash memory access time is adjusted to the fHCLK (0
∼ 24 MHz is 0 waiting period
,24
∼ 48 MHzis 1 waiting period, 48 ∼ 72 MHzis 2 waiting period, 72 ∼ 96 MHzis 3
waiting period ).
• The ambient temperature and VDD supply voltage conditions are summarized in Ta-
ble 10.
• The instruction prefetching function is on. When the peripherals are enabled:
fPCLK1 = fHCLK.
Note: The instruction prefetch function must be set before the clock is set and the bus is divided.
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 17. The MCU is
placed under the following conditions:
• All I/O pins are in analog input mode, and are connected to a static level —- VDD or VSS
(no load) .
• All peripherals are disabled except when explicitly mentioned.
• The given value is calculated by measuring the current consumption.
– with all peripherals clocked OFF
– with only one peripheral clocked on
www.mm32mcu.com
43/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com