Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 5 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 5 Page - MindMotion Microelectronics

  MM32F103CET Datasheet HTML 1Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 2Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 3Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 4Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 5Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 6Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 7Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 8Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 9Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 89 page
background image
List of Tables
1
MM32F103xx device features and peripheral counts . . . . . . . . . . . . . . . . . . . . . . . . . .
3
2
Timer feature comparison . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8
3
Pin definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
4
Alternate functions AF0
∼AF7 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
5
Alternate functions AF8
∼AF15 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
6
Memory mapping
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
7
Voltage characteristics
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
8
Current characteristics
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
9
Thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
10
General operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
11
Operating conditions at power-up/power-down . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
12
Embedded reset and power control block characteristics
. . . . . . . . . . . . . . . . . . . . . . . 39
13
Embedded internal reference voltage(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
14
Typical current consumption in Run mode, code executing from Flash memory . . . . . . . . . . . 41
15
Typical current consumption in Sleep mode, code executing from Flash memory or RAM . . . . . 42
16
Maximum current consumption in Stop and Standby mode, code executing from Flash memory
. 42
17
On-chip peripheral current consumption(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
18
High-speed external user clock characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
19
Low-speed external user clock characteristics
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
20
HSE oscillator characteristics(1)(2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
21
LSI oscillator characteristics (fLSE=32.768KHz)
(
1)
. . . . . . . . . . . . . . . . . . . . . . . . . . . 48
22
HSI oscillator characteristics(1)(2)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
23
LSI oscillator characteristics(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
24
Low-power mode wakeup timings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
25
PLL characteristics(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
26
Flash memory characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
27
Flash memory endurance and data retention(1)(2) . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
28
EMS characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
29
ESD characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
30
I/O static characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
31
Output voltage characteristics
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
32
I/O AC characteristics(1)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
33
NRST pin characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
34
TIMx(1) characteristics
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
35
I2C characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
36
SPI characteristics(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
37
USB startup time
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
38
USB DC electrical characteristics
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
39
USB Full-speed electrical characteristics(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
40
ADC characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
41
Maximum RAIN at fADC = 15MHz
(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
42
ADC Accuracy - Limit Test Conditions(1)(2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com