Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 53 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 53 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 49Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 50Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 51Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 52Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 53Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 54Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 55Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 56Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 57Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
2. Guaranteed by design, not tested in production.
3. For CL1 and CL2, it is recommended to use high-quality external ceramic capacitors in
the 5 pF to 25 pF range (Typ.) , designed for high-frequency applications, and selected
to match the requirements of the crystal or resonator. CL1 and CL2 are usually the same
size. The crystal manufacturer typically specifies a load capacitance which is the series
combination of CL1 and CL2. PCB and MCU pin capacitance must be included (10 pF
can be used as a rough estimate of the combined pin and board capacitance) when
sizing CL1 and CL2.
4. The relatively low value of the RF resistance can be used to avoid problems arising
from the use of wet conditions to provide protection, this environment resulting in leak-
age and bias conditions have changed. However, if the MCU is applied in bad wet
conditions, the design needs to take this parameter into account.
5. tSU(HSE) is the startup time measured from the moment it is enabled (by software) to a
stabilized 8 MHz oscillation is reached. This value is measured for a standard crystal
resonator and it can vary significantly with the crystal manufacturer.
860676
Resonator with
intergrated capacitors
Resonator
Bias
controlled
gain
CL2
CL1
8MHz
OSC_IN
OSC_OUT
fHSE
RF
Figure 16. Typical application with an 8 MHz crystal
Low-speed external clock generated from a crystal/ceramic
resonator
The low-speed external (LSE) clock can be supplied with a 32.768 kHz crystal/ceramic
resonator oscillator. All the information given in this paragraph are based on characteriza-
tion results obtained with typical external components specified in the table below. In the
application, the resonator and the load capacitors have to be placed as close as possible
to the oscillator pins in order to minimize output distortion and startup stabilization time.
Refer to the crystal resonator manufacturer for more details on the resonator characteris-
tics (frequency, package, accuracy). Note: For CL1 and CL2, it is recommended to use a
high quality ceramic capacitor between 5pF and 15pF and select the crystal or resonator
that meets the requirements. Usually CL1 and CL2 have the same parameters. Crystal
manufacturers typically give the parameters of the load capacitance in a serial combina-
tion of CL1 and CL2. The load capacitance CL is calculated by: CL = CL1 x CL2/(CL1 + CL2)
+ Cstray, where Cstray is the capacitance of the pin and the capacitance associated with the
PCB or PCB. Its typical value is between 2pF and 7pF. WARNING: To avoid exceeding
www.mm32mcu.com
47/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com