Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 33 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 33 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 37Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
33
www.emmicroelectronic.com
9
Supply Voltage Level Detector (SVLD)
The EM6812 has a built in 8 level supply voltage detector that compares the supply voltage against a predefined voltage
level. The CPU can inspect the result of the comparison, it reads ‘0’ if the supply voltage is higher than the compare level
and ‘1’ if lower.
The lowest compare level is equivalent to the brown out detection level. Obviously this level can only be measured if the
brown out function is switched off. Also the SVLD function is temporarily disabled during Sleep mode.
The internal bandgap reference is shared between the SVLD and the BrownOut function. If active, it will consume an extra
~6µA during the whole measuring time
Figure 19. SVLD architecture
Timings:
- Internal voltage reference settling time:
8ms
(From either EnSVLD=’1’ or EnBrownOut=’1’).
Must be respected when the voltage reference gets switched on.
- Comparator settling time: 10µs
(From EnSVLD=’1’ to 1
st readout)
Must be respected for every measure before reading the result.
Table 27. Analogue configurations register
RegAnaCfg
0x20
Analogue configurations
Bit
Name
Res
Reset by
R/W
Description
7
EnSVLD
0
ResSys
R/W
Enable the SVLD function
6
EnBrownOut
1
POR
R/W
Enable the Brownout function
5
SVLDLevel1
0
ResSys
4
SVLDLevel2
0
ResSys
3
SVLDLevel3
0
ResSys
SVLD level selection (1 out of 8 levels)
2
-
-
-
-
1
-
-
-
-
0
SVLDStatus
0
SVLD result ‘0’ = VDD > SVLD Level
‘1’ = VDD < SVLD Level
Table 28. SVLD selection table
SVLDLevel3
SVLDLevel2
SVLDLevel1
Typical Detection Level
0
0
0
2.0
0
0
1
2.1
0
1
0
2.2
0
1
1
2.3
1
0
0
2.4
1
0
1
2.5
1
1
0
2.6
1
1
1
3.4
Vref = 1.2V
Level1
EnBrownOut
En
Level3
Level4
Level5
Level6
SVLDLevel
selector
Level7
Level2
VDD
SVLDResult
En
EnSVLD
EnSVLD
BrownOut
EnBrownOut
Level8
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com