Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 38 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 38 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 42Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
38
www.emmicroelectronic.com
10.2
Port A Interrupt requests
Each port A input is an interrupt request source active on rising or falling edge corresponding to the individual IntEdgPA bit
setting. The interrupt source can be debounced or direct, bit-wise selection with bit EnDebPA.
Figure 21 Schematic view of Debouncer and Edge selection
Table 33. Port A Registers for Debouncer and Interrupts
RegIntEdgPA
0x27
Debouncer edge selection
Bit
Name
Res
Reset by
R/W
Description
7-0
IntEdgPA[7:0]
00
ResMain
R/W
PA interrupt edge selection;
0=falling, 1=rising
RegEnDebPA
0x28
Debouncer selection
Bit
Name
Res
Reset by
R/W
Description
7-0
EnDebPA[7:0]
00
ResSysSlp
R/W
PA interrupt debouncer selection
0=direct, 1=debounced Pr1Ck[8] (256Hz).
Table 34. Port A Interrupt mapping
Interrupt source
Priority
IntCtrl connection
IRQPA[7:0]
1
Int1[7:0]
10.2.1 Debouncer
If the debouncer is selected the corresponding input signal must remain stable during 1 full debouncer clock cycle to pass
and eventually create an interrupt request.
It is recommended to use the debouncer functionality on the port A interrupt inputs. The debouncer frequency CkDebPA is
coming from the prescaler1, Pr1Ck[8] (256Hz).
Minimum input pulse length to pass the debouncer:
•
Pulse length smaller 1 debouncer clock period :
Pulse does not pass (filtered out)
•
Pulse length in-between 1 and 2 debouncer clock periods :
Pulse may pass
•
Pulse length grater than 2 debouncer clock periods:
Pulse always passes
Note:
The debouncer output is reset low with signal ResSys. On the second debouncer clock edge after reset an IRQ may be
generated. Use the interrupt mask to overcome this.
Note:
Changing RegIntEdgPA may result in a transition interpreted as a valid IRQ. Avoid it by masking the IRQ while changing
the edge selection.
PAIn
CkDebPA
EnDebPA[i]
IRQPA[i]
ResSys
IntEdgPA[i]
in
ck
out
Debouncer function
8
1
0
1
0
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com