Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 12 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 12 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 16Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
12
www.emmicroelectronic.com
5
Data Memory
The data memory is connected to the CoolRisc core via an 8-bit wide bi-directional data bus. It contains:
•
max 512Bytes of fully static RAM
•
Dedicated peripheral data registers for timers ports, etc.
•
16 Bytes of general purpose registers. (12 Bytes LP RAM, 4 Bytes DPR)
Table 5. Data memory mapping
Data Memory Address ranges
Description
Data memory page
Page 1
Indexed addressing
0x0257 (8k Instr)
0x0157 (4k or 2k Instr)
0x0060
SRAM
512 Byte (8k Instructions)
256 Byte
(4 or 2k Instructions)
0x0010
All Peripherals
(Timers Ports, Configurations,
Interfaces, etc)
0x0000
Dual Port RAM
Low Power RAM
Page 0
(direct and indexed addressing)
All peripherals and part of the SRAM are accessible with any addressing modes of the CoolRisc instruction set.
The portion of SRAM, which is on Page 1, is addressed with any of the indexed addressing modes.
5.1
SRAM
The SRAM size is adapted to the program memory size.
•
512 Byte SRAM: All Versions with 8k Instruction Memory
•
256 Byte SRAM: All Versions with 4k or 2k Instruction Memory.
The SRAM has no reset functions, therefore is should be initialized before storing any variables.
Table 6. SRAM mapping (4k or 2k Instructions Program Memory Version)
Name
Reset
Dec
Hex
xx
351
0x015F
:
:
:
RAM 96 Bytes
xx
256
0x0100
Indexed addressing
xx
255
0x00FF
:
:
:
RAM 160 Bytes
xx
96
0x0060
Direct addressing
Table 7. SRAM mapping (8K Instructions Program Memory Version)
Name
Reset
Dec
Hex
xx
607
0x025F
:
:
:
RAM 352 Bytes
xx
256
0x0100
Indexed addressing
xx
255
0x00FF
:
:
:
RAM 160 Bytes
xx
96
0x0060
Direct addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com