Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 23 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 23 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 27Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
23
www.emmicroelectronic.com
8
Clock management
8.1
Basic features
The EM6812 core and peripherals use several clock sources that can be involved in the same time. There are two main
clock domains and both of them are split in two sub-sources:
•
High frequency clock sources
- RC oscillator 1MHz or 10MHz base frequency
- External clock input from PA[4] or PA[5]
•
Low frequency clock source
- 32kHz Crystal oscillator (typical watch crystal)
- External clock input on terminal CLKOUT instead of crystal
The main features of the clock management system are:
•
In high frequency domain
Fully internal RC oscillator.
No external component needed.
Trimmable, continuous RC based frequencies from typically 75kHz up to 14MHz.
Pre-Division factors for CPU and Peripheral clocks of 1, 2, 4 or 8 are available.
Accurate frequency generation due to software FLL using RC trim and known timing.
Automatic clock selection ( ~32kHz ) on Prescaler1 if the Xtal is not available.
Power saving switch in case of RC Oscillator is not used (i.e. CPU in Halt).
•
In low frequency domain
Lowest power watch type Crystal oscillator on 32kHz.
RTC signal generation, division on Prescaler1.
3 fix interval interrupts to the CPU.
•
In both frequency domains
High and low frequency clock domains are fully synchronized for working together.
CPU can read registers on the fly thanks to the synchronization between both frequency domains.
Completely free of clock glitches, even when switching clocks while running.
Fully synchronous core operations.
Two clock prescalers (dividers) for the peripheral clock generation
Independent clock selection for both prescalers (high or low frequency domain).
8.1.1
Overview
Figure 15. Clock management block diagram
Note:
When both frequency domains are used, the minimum frequency after pre-division (F2) should be at least 8 times higher than
the maximum low frequency (F1) to allow for proper system synchronization.
PA[4]
PA[5]
1
0
0
1
ExtHFck
SelExtLFck
Xtal
RC
OSCOUT
EnRc
EnXtal
Pre-Divider
1/ /2 /4 /8
F1
F 2
CPU
&
Peripheral
clock selection
Clock
synchronization
F2 > 8*F1
CkPeri_Low_Freq
CkCPU
CkPeri_High_Freq
CoolRISC
CPU
Halt
Prescaler1
&
Prescaler2
Pr2Ck[9:0]
Pr1Ck[15:0]
Int0[3:1]
(128Hz, 32Hz, 1Hz)
SelExtHFck
ExtLFck
LFck
HFck



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com