Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 46 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 46 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 50Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
46
www.emmicroelectronic.com
11.4.2 SPI outputs
SPI: SOUT, SCLK (in master mode)
Table 42. Port B settings for SPI outputs
SPI output terminals
−
SOUT
−
SCLK in master mode
Notes
Output mode, CMOS high drive
X
X
0
X
X
SOUT
SCLK
SPI outputs
Output mode, NCH open drain
X
X
1
0
X
0 / High-Z
SPI outputs,
needs external pull-up
Output mode, NCH open drain, Pull-up
X
X
1
1
X
0 / Weak Hi
SPI outputs, pull-up intern
11.4.3 SPI inputs
SPI: SIN, SCLK (in slave mode)
Table 43. Port B settings for SPI inputs.
SPI input terminals
−
SIN
−
SCLK in slave mode
Notes
SCLK, SIN input
X
X
X
0
0
High-Z
No pull, Terminals must be driven
externally
SCLK, SIN input with pull-up
X
X
X
1
X
Weak Hi
Pull-up has priority
SCLK, SIN input with pull-down
X
X
X
0
1
Weak Lo
Default state after Power-up
11.4.4 Dual Port RAM terminals
Dual Port Ram output (while EnDualRAM=’1’, ExtCEn=’1’, ExtWrEn=’0’)
Table 44. Port B settings for DPR outputs
Dual Port RAM data output
−
DPData[7:0]
Notes
Output mode, CMOS high drive
X
X
0
X
X
DPData
DP outputs
Output mode, NCH open drain
X
X
1
0
X
0 / High-Z
DP outputs,
needs external pull-up
Output mode, NCH open drain, Pull-up
X
X
1
1
X
0 / Weak Hi
DP outputs, pull-up intern
In all other Dual Port Ram cases (not during read access), the port B terminals are configured based on the normal mode
bit settings. The only difference is that the port B inputs must not be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com