Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 57 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 57 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 53Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 54Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 55Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 56Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 57Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 58Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 59Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 60Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 61Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
57
www.emmicroelectronic.com
13.2.4 Stopping the timer
The timer stops always at the next clock following a valid stop condition. These are:
•
Reaching hex 00 in Zero-Stop mode.
•
In software start control if SWStart is cleared.
•
In external start control, on input state if the selected input value becomes 0.
•
In external start control, on input pulse, the timer stops at the 2
nd pulse.
Refer also to previous timing diagrams and hints for restart.
13.2.5 Clock selection
There are 8 different clock sources for each timer. Some of them come from external sources. The others are from the
prescaler1 or prescaler2. The selection is done with ClkXSel[2:0] in RegTimXCfg.
Table 49. Input clock selection
Timer1
Timer2
Timer3
Timer4
ClkXSel[2:0]
value
Selection with
Clk1Sel[2:0]
Selection
with
Clk2Sel[2:0]
Selection
with
Clk3Sel[2:0]
Selection
with
Clk4Sel[2:0]
000
PA0
PA1
PA2
PA3
001
PA4
PA5
PA6
PA7
010
Pr2CkSource
Pr2CkSource
Pr2CkSource
Pr2ClkSource
011
Pr2Ck[8]
Pr1CkSource
Pr2Ck[8]
Pr1ClkSource
100
Pr2Ck[6]
Pr1Ck[14]
Pr2Ck[4]
Pr1Ck[13]
101
Pr1CkSource
Pr1Ck[12]
Pr1CkSource
Pr1Ck[11]
110
Pr1Ck[13]
Pr1Ck[10]
Pr1Ck[13]
Pr1Ck[9]
111
Pr1Ck[11]
Pr1Ck[8]
Pr1Ck[9]
Pr1Ck[7]
Clock selection should only be changed while the timer is stopped to avoid timer clock glitches, which may influence the
actual counter value.
13.2.6 PWM and Frequency generation
With the pulse width modulation function, is possible to generate signals of a defined frequency and duty cycle. These
signals can be output on the port B as frequencies or PWM. The function of the PWM is based on the comparison of the
actual timer value and a compare value. PWM = ‘0’ when the timer starts counting until it reaches the comparison value,
then PWM=’1’ until the end of the loop when the timer reaches the value 0. See figure below for more details.
The PWM function is enabled with bit EnPWMX in RegTimXCfg. This bit enables the comparator and also routes the PWM
signal to the port B. Compare match interrupt can be generated in PWM mode. The bit TimEqX allows to select between
timer compare match IRQ or timer zero detect IRQ (default value). Also refer to chapter 13.2.8 Interrupts.
Figure 34. PWM or Frequency generation in Auto-Reload mode.
ClkIn
SwStartX
TimXLoad
TimXComp
XX
XX
07
03
PWMX
TimXStatus
XX
07
06
05
04
03
02
01
00
07
X
06
05
04
03
02
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com