Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 65 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 65 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 61Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 62Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 63Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 64Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 65Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 66Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 67Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 68Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 69Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
65
www.emmicroelectronic.com
14 Interruptions
14.1
Basic features
The EM6812 handles 20 independent Interrupt sources grouped into 3 priority levels.
•
Highest Priority
: Level 0 : Prescaler clocks, PM_miss_skip
•
Medium Priority
: Level 1 : Port A input changes
•
Lowest Priority
: Level 2 : Timer compare and full, SPI , Dual port RAM
As such the EM6812 contains
•
9 external Interrupts (Port A, SPI)
•
11 internal Interrupts (Prescaler, Timer, SPI, Dual port RAM, PM_miss_skip)
Interrupt from SPI and Timer may be initialized by either external or internal actions (i.e. timer running on external clock)
Interrupts force a CALL to a fixed interrupts vector, save the program counter (PC) onto the hardware stack and reset the
general interrupt bit (GIE). If the CPU was in HALT mode prior to Interrupt then it will come back in active mode. Each
priority level has its own interrupt vector.
•
Level 1
Address 1
•
Level 2
Address 2
•
Level 0
Address 3
The GIE bit is restored when returning from interrupt with the RETI instruction. The RET instruction does not reinstall the
GIE. Nested interrupts are possible by re-enabling the GIE bit within the interrupt routine. Special care needs to be taken
when manipulating the GIE bit. See note on
Table 59. Interrupt acquisition registers.
Functions such as interrupt masking, enabling and clearing are available on different levels in the interrupt structure. At
power up or after any reset all interrupt inputs are masked and the GIE is cleared.
The Interrupt handling is split into 2 parts.
•
One part deals with the acquisition, masking and clearing of the interrupts outside of the CPU.
Interrupt acquisition, IRQ Controller
•
The 2
nd part covers all aspects of priority and interrupts enabling inside the CoolRISC core.
CPU interrupts handling
Figure 37, Interrupt top level diagram
Interrupt
controller
IRQ acquisition
IRQ sources
level 0
IRQ sources
level 1
IRQ sources
level 2
CPU
CR816L
IRQ handling
CPUInt0
CPUInt1
CPUInt2
RegInt00[7:0]
RegInt10[7:0]
RegInt20[7:0]
Reset
R/W control
IN0
IN1
IN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com