Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 16 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 16 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 20Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
16
www.emmicroelectronic.com
6
CPU Core, CR816L
The µProcessor Core CR816L is a true low power RISC Core including a ‘one instruction cycle’ 8x8 hardware multiplier.
Its main features are described below.
8 bits RISC register-memory processor based on a Harvard architecture
16 CPU internal registers (Accu, general purpose, Index, offset, status)
8b x 8b internal hardware multiplier
3 stage pipeline architecture (no delay slots or branch delays)
176 Kbytes max Program Memory size (64 Kinstruction, 22 bit wide)
EM6812 uses max 22k Instruction
64 Kbytes max Data Memory size (organized in 256 x 256 kBytes pages)
EM6812 uses max 608 Byte
8 max hardware subroutines and unlimited software subroutines
EM6812 uses max 4 HW subroutines
5 different addressing modes
direct addressing
indexed addressing with immediate offset
indexed addressing with register offset
indexed addressing with post-incrementation of the offset
indexed addressing with pre-decrementaion of the offset
.
Table 14: CR816L Instruction set
Mnemonic
ALU
Instruction
ADD
ADDC
AND
yes
yes
yes
Addition.
Addition with carry.
Logical AND.
CALL
CALLS
CMP
CMPA
CMVD
CMVS
CPL1
CPL2
CPL2C
no
no
yes
yes
yes
yes
yes
yes
yes
Jump to subroutine.
Jump to subroutine, using ip as return address.
Unsigned compare.
Signed compare.
Conditional move, if carry clear.
Conditional move, if carry set.
One’s complementation.
Two’s complementation.
Two’s complementation with carry.
DEC
DECC
yes
yes
Decrementation.
Decrementation with carry.
HALT
no
no Halt mode selection
INC
INCC
yes
yes
Increment.
Increment with carry.
JCC
no
Conditional jump.
MOVE
MUL
MULA
yes
yes
yes
Data move.
Unsigned multiplication.
Signed multiplication.
NOP
no
No operation.
OR
yes
Logical OR
POP
PUSH
no
no
Pop ip index from hardware stack.
Push ip index onto hardware stack.
RET
RETI
no
no
Return from subroutine.
Return from interrupt.
SFLAG
SHL
SHLC
SHR
SHRA
SHRC
SUBD
SUBDC
SUBS
SUBSC
yes
yes
yes
yes
yes
yes
yes
yes
yes
yes
Save flags.
Logical shift left.
Logical shift left with carry.
Logical shift right.
Arithmetic shift right.
Logical shift right with carry.
Subtraction (op1 - op2).
Subtraction with carry (op1 - op2).
Subtraction (op2 - op1).
Subtraction with carry (op2 - op1).
TSTB
yes
Test bit.
XOR
yes
Logical exclusive OR.
Please refer to the CoolRISC 816L 8 bit Microprocessor Core Hardware and Software Manual Version 1.1 dated Mai 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com