Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 30 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 30 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 34Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
30
www.emmicroelectronic.com
8.6.2
Prescaler1 (15 stages)
•
8 clock input selections from Xtal or Prescaler2 clocks.
•
RTC real time clock function in case of 32kHz Xtal input.
•
‘Autoselect’ close to 32kHz input clock selection from prescaler2 in case of no Xtal. The autoselection is based on the
RC oscillator settings (FreqRange and RCDiv) and switched on with bit AutoSel in register RegPrCkSel. In case of an
active low frequency clock selection (Xtal or external low frequency enabled) the autoselect will select the low
frequency input F1 as the prescaler clock source. The clock switching is based on the scheme as shown in Figure 17.
Synchronous Clock switching.
Table 22. Table of the Prescaler1 automatic clock selection from prescaler2. (AutoSel = ‘1’, Pr2CkSel =’1’)
FreqRange
RC = 10 MHz
RC = 1MHz
RCDiv
1
2
4
8
1
2
4
8
Pr2CkSource
5MHz
2.5MHz
1.25MHz
625kHz
500kHz
250kHz
125kHz
62.5kHz
Pr2Ck[9:0] selected bit
[3]
[4]
[5]
[6]
[6]
[7]
[8]
[9]
Pr1CkSource, AutoSel
39.1kHz
39.1kHz
39.1kHz
39.1kHz
31.3kHz
31.3kHz
31.3kHz
31.3 kHz
The low frequency clock gets automatic selected as Pr2CkSource in case of Autosel = ‘1’ and Pr2CkSel = ‘0’.
The prescaler1 clock values, 8 MSB's, Pr1CkStatus[7:0] can be read in register RegPr1Status. These 8 most significative
bits can be cleared by a simple write operation of any value to the RegPr1Status register.
The Pr1Ck sources are used as input clock sources for several other peripheries (SPI, Timer, etc). Clearing the 8 MSB’s
may therefore influence the proper operation of these peripheries.
It is also possible to select a specific prescaler1 input clock source by setting AutoSel=‘0’. The selection is done with bits
Pr1CkSel
[2:0] in register RegPrescCkSel.
Table 23. Prescaler1 clock selection, non-automatic mode. (AutoSel = ‘0’)
Pr1CkSel[2:0]
Clock selected in case of
Pr2CkSel=’1’ (high freq.)
on RC Oscillator
Clock selected in case of
Pr2CkSel=’0’ (low freq.)
with 32kHz Crystal
000
Low frequency clock domain F1
(Xtal or ExtLFck)
Low frequency clock domain F1
(Xtal or ExtLFck)
001 (default)
Prc2Ck[3], refer to Table 20
Prc2Ck[3] = 16384Hz
010
Prc2Ck[4], refer to Table 20
Prc2Ck[4] = 8192Hz
011
Prc2Ck[5], refer to Table 20
Prc2Ck[5] = 4096Hz
100
Prc2Ck[6], refer to Table 20
Prc2Ck[6] = 2048Hz
101
Prc2Ck[7], refer to Table 20
Prc2Ck[7] = 1024Hz
110
Prc2Ck[8], refer to Table 20
Prc2Ck[8] = 512Hz
111
Prc2Ck[9], refer to Table 20
Prc2Ck[9] = 256Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com