Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 44 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 44 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 48Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
44
www.emmicroelectronic.com
11.2
Register map, PB IO functions
Table 38. Port B registers overview
Functions
Register name
Basic function
RegInPB
Direct read of input terminal state
RegOutPB
Data output register
Base
RegIOSelPB
Direction selection
RegPullUpPB
Pull-up resistor selection
RegPullDownPB
Pull-down resistor selection
Pull resistor and
open drain
RegOpenDrainPB
Enable n-channel open drain output
Dual Port RAM selection
Freq. output selection
Serial Interface selection
RegCfgPB
Configures the corresponding bits accordingly the mode
selection. See also 11.1.1 Special function priority handling
Signal selection
RegSigSel
Selection of the internal signal to put on port B
Table 39. Port B registers
RegInPB
0x30
Input register
Bit
Name
Res
Reset by
R/W
Description
7-0
PBIn[7:0]
--
-
R
Direct read of input terminal state
‘0’=read low, ‘1’= read high
RegOutPB
0x31
Output data
Bit
Name
Res
Reset by
R/W
Description
7-0
OutPB[7:0]
00
ResSys
R/W
Data output register
‘0’= output low, ‘1’=output high
RegIOSelPB
0x34
Direction register
Bit
Name
Res
Reset by
R/W
Description
7-0
IOSelPB[7:0]
00
ResSys
R/W
Direction selection;
‘1’=Output, ‘0’=Input
RegPullUpPB
0x36
Pull-up selection
Bit
Name
Res
Reset by
R/W
Description
7-0
PullUpPB[7:0]
00
ResMain
R/W
Pull-up resistor selection
‘0’=no pull-up, ‘1’=pull-up enabled
RegPullDownPB
0x37
Pull-down selection
Bit
Name
Res
Reset by
R/W
Description
7-0
PullDownPB[7:0]
FF
ResMain
R/W
Pull-down resistor selection
‘0’=no pull-down, ‘1’=pull-down enabled (if no pull-
up)
RegOpenDrainPB
0x35
N-channel Open drain selection
Bit
Name
Res
Reset by
R/W
Description
7-0
OpenDrainPB[7:0]
00
ResMain
R/W
N-channel open drain selection (if output)
‘0’=CMOS mode, ‘1’= open drain enabled
RegCfgPB
0x32
Port B configuration settings, DPR, SPI, Signals
Bit
Name
Res
Reset by
R/W
Description
7
EnDualRAM
0
ResSys
R/W
Enable the Dual Port RAM
6
EnSPI
0
ResSys
R/W
Enable the Serial Interface function
5
EnSig1
0
ResSys
R/W
Connecting the internal Signal1 on PB[0]
4
EnSig2
0
ResSys
R/W
Connecting the internal Signal2 on PB[1]
3
EnSig3
0
ResSys
R/W
Connecting the internal Signal3 on PB[2]
2
EnSig4
0
ResSys
R/W
Connecting the internal Signal4 on PB[3]
1
-
--
--
R
Reads ‘0’
0
-
--
--
R
Reads ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com