Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 45 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 45 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 49Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
45
www.emmicroelectronic.com
RegSigSel
0x33
Bit
Name
Res
Reset by
R/W
Description
7-6
Sig1Sel[1:0]
0
ResSys
R/W
Select internal Signal1 for output on PB[0]
5-4
Sig2Sel[1:0]
0
ResSys
R/W
Select internal Signal2 for output on PB[1]
3-2
Sig3Sel[1:0]
0
ResSys
R/W
Select internal Signal3 for output on PB[2]
1-0
Sig4Sel[1:0]
0
ResSys
R/W
Select internal Signal4 for output on PB[3]
Internal signal selection for frequency output on port B when corresponding signal enable bit is set.
SigXSel[1:0]=’00’
SigXSel[1:0]=’01’
SigXSel[1:0]=’10’
SigXSel[1:0]=’11’
Description
Sig4Sel[1:0]
PWM4
Not PWM3
Pr1Ck[11]
Pr1Ck[0]
Output on PB[3]
Sig3Sel[1:0]
PWM3
Not PWM4
Pr2CkSource
Pr1CkSource
Output on PB[2]
Sig2Sel[1:0]
PWM2
Not PWM1
Pr1Ck[11]
Pr1Ck[0]
Output on PB[1]
Sig1Sel[1:0]
PWM1
Not PWM2
Pr2CkSource
Pr1CkSource
Output on PB[0]
11.3
Normal IO operation
Port B input terminal status can always be read directly. All registers influencing the IO modes are bit-wise selectable. The
integrated, switchable pull resistors and the selectable output drive mode allow a maximum of different terminal modes.
Refer to Table 32. Port A IO mode for the details.
Default state after power up on all PB terminals is input mode with pull-down resistor.
Table 40. Port B settings in normal mode
Normal mode
−
No SPI selection
−
No Frequency out selection
−
No Dual Port Ram output mode
Notes
Input mode
0
X
X
0
0
High-Z
Port may be left floating
Input mode with pull-up
0
X
X
1
X
Weak Hi
Pull-up has priority
Input mode with pull-down
0
X
X
0
1
Weak Lo
Default state after Power-up
Output mode, CMOS high drive
1
1
0
X
X
1
Pull resistors disabled
Output mode, CMOS low drive
1
0
0
X
X
0
Pull resistors disabled
Output mode, open drain, high-Z
1
1
1
0
X
High-Z
Pull-down disabled
Port may be left floating
Output mode, open drain with pull-up
1
1
1
1
X
Weak Hi
Pull-up active
Output mode, open drain drive low
1
0
1
X
X
0
Pull-up disabled
11.4
Special IO operation
11.4.1 Frequency Output
Signal1 to Signal4, PWM and Prescaler frequencies
Table 41. Port B settings in Frequency out mode
Frequency output terminals
−
PWM
−
Pr1ck[n]
−
Pr1CkSource, Pr2CkSource
Notes
Output mode, CMOS high drive
X
X
0
X
X
Signal
Selected signal output
Output mode, NCH open drain
X
X
1
0
X
0 / High-Z
Selected signal output,
needs external pull-up
Output mode, NCH open drain, Pull-up
X
X
1
1
X
0 / Weak Hi
Signal output, pull-up intern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com