Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6812F2TP24B Datasheet(PDF) 17 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 17 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 21Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
17
www.emmicroelectronic.com
7
Reset Controller
7.1
Basic features
Internal and external reset sources are handled within the RESET controller. All these reset are used to put the device in a
defined state at power-up, user request or system exceptions. The reset sources are flagged, and may be inspected by the
CPU after the reset event to allow detection of the reset source.
Any Reset will keep the CPU in reset for state for approx. 300µs once the reset condition released.
Internal sources
Power on Reset with powercheck at start-up
BrownOut detection as voltage supervisory function
Watchdog reset with protected disable key
External sources
Reset Pad (User reset)
Input reset combination on PortA
All these sources may initialize or re-initialize either the whole or part of the circuit. These sources are:
Table 15: Reset sources
Function
Signal
Activated reset signals
POR
POR
POR, ResMain, ResSys, ResSysSleep, ResCPU
Reset Pad
DebResetPad
ResMain, ResSys, ResSysSleep, ResCPU
PowerCheck
PwrCheck
ResCPU
Port A Input Reset
DebResInpPA
ResSys, ResSysSleep, ResCPU
Watchdog Reset
ResetWD
ResSys, ResSysSleep, ResCPU
Brownout Reset
BrownOut
ResSys, ResSysSleep, ResCPU
Sleep
Sleep
ResSysSleep, ResCPU
After every reset the circuit restart with RC clock 1MHz as the only clock selection. The periphery is released from reset
after 128 RC clocks (Reset synchronizer) and the CPU 64 RC clocks later (CPU Reset Delay).
Figure 8. Reset controller architecture
POR
: initializes the whole circuit;
ResMain
: initializes the whole circuit except the ResetPad configuration
ResSys
: initializes all internal registers, does nor reset the terminal configuration settings (I.e. pull resistors)
ResSysSleep
: Enables the path to be able to come out of sleep.
ResCPU
: Initializes the CPU
Signals POR, ResMain, ResSys, ResSysSleep, ResCPU are the actual reset signals which initialize the different latches
and registers. Please refer to the different register tables to know the reset source for each register bit.
Note
:
-
BrownOut reset will set the BrownOut flag but also the ResInpPA flag if DisResInp is set.
-
If the power up is faster than the BrownOut Filter (~10ms) no Reset Flag will be set. (allowing POR identification)
-
In case of slow power up, both the BrownOut and the ResPAInp flag will show. The bit SleepEn (reset by POR only)
may be used to distinguish between a slow power up and a ‘normal ‘ BrownOut condition.
POR
ResSysSlp
ResMain
ResCPU
ResSys
DisResetPad
POR
DisResInp
ResetWD
BrownOut
Sleep
PwrCheck
Flag on Reset
Source
Reset
Synchronizer
128 ck RC
CPU
Reset Delay
192 ck RC
POR
ResSys
ResCPU
128 ck RC
192 ck RC
DebResInpPA
DebResetPad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com